Part Number Hot Search : 
PKD01FPZ 623P6XA2 B6563 C440PM 1N5811U FA221 MB158W N1212
Product Description
Full Text Search
 

To Download 2SC4538 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4538
DESCRIPTION With TO-3PML package High voltage ,high speed switching APPLICATIONS Switching regulators Ultrasonic generators High frequency inverters General purpose power amplifiers
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER
TOR NDU ICO E SEM ANG INCH
CONDITIONS VALUE 900 Collector-base voltage Open emitter Collector-emitter voltage Open base 800 10 5 3 TC=25ae 80 150 -55~150 Emitter-base voltage Open collector Collector current Base current Collector power dissipation Junction temperature Storage temperature
UNIT V V V A A W ae ae
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 1.5 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4538
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=1mA; IE=0 IC=10mA; IB=0 IE=1mA; IC=0 IC=2A; IB=0.4A IC=2A; IB=0.4A VCB=900V; IE=0 VEB=10V; IC=0 IC=2A ; VCE=5V 10 MIN 900 800 10 1.0 1.5 1.0 1.0 TYP. MAX UNIT V V V V V mA mA
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE
Switching times ton tstg tf
TOR NDU ICO E SEM ANG INCH
Turn-on time 1.0 Storage time Fall time IC=3A;RL=100| IB1=0.6A; IB2=-1.2A Pw = 20|I s; DutyU 2% 4.0 0.8 |I
|I |I
s s s
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4538
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions
3
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4538
TOR NDU ICO E SEM ANG INCH
4


▲Up To Search▲   

 
Price & Availability of 2SC4538

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X